Part Number Hot Search : 
20ETF04S 250BZX 1A398 MA153A DSP16 10PBF 2SK21 051BQ
Product Description
Full Text Search
 

To Download 1N914A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 BL
FEATURES
o o o
GALAXY ELECTRICAL
1N914,1N914A,1N914B
REVERSE VOLTAGE: CURRENT DO - 35 75 V 75 mA
SMALL SIGNAL SWITCHING DIODE
Glass sealed envelope. (MSD) VRM=100V guaranteed High reliability
MECHANICAL DATA
o o o Case: DO-35, glass case Polarity: Color band denotes cathode Weight: 0.004 ounces, 0.13 grams
MAXIMUM RATINGS (Ratings at 25ae
ambient temperature unless otherwise specified.(c)
1N914,1N914A,1N914B
Maximum DC reverse voltage Maximum recurrent peak reverse voltage Average forward rectified current half wave rectification with resistive load t<1ms t=1ms t=1s Power dissipation (note) Junction temperature Storage temperature range Forward surge current
UNITS V V mA A mW ae ae
VR VRM IO IFSM Ptot Tj TSTG
75 100 75 4.0 1.0 0.5 250 175 - 65 --- + 175
Note:Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
ELECTRICAL CHARACTERISTICS (Ratings at 25ae
Min
Forw ard voltage @1N914,1N914A,I F=10mA 1N914B,I F=5mA 1N914B,I F=100mA Leakage current @V R=20V @V R=75V @V R=20V,Tj=150 Capacitance @ V R=0V,f=1MHZ
ambient temperature unless otherwise specified.(c)
Typ -
Max 1.0 0.72 1.0 25 5 50 4 8 2.5 500
UNITS V nA A ae A pF ns V ae /W
www.galaxycn.com
VF
IR Ctot trr Vfr RjA
0.62 -
Reverse recovery time @I F=10mA,IR=10mA, RL=100,measured at I R=1mA Voltage rise w hen sw itching on tested w ith 50mA pulses t r=20ns Thermal resistance junction to ambient (note )
Note:Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
Document Number 0268015
BLGALAXY ELECTRICAL
1.
RATINGS AND CHARACTERISTIC CURVES
FIG.1 -- ADMISSIBLE POWER DISSIPATION NNNNNN VERSUS AMBIENT TEMPERATURE
1N914,1N914A,1N914B
FIG.2 -- FORWARD CHARACTERISTICS
mW
500 450 400
mA
10
3
10 2
Ptot
350 300 250 200 150 100 50 0 0 100 200ae
IF
10
1N914B 1N914,1N914A
1
10
-1
10 -2
0
1
TA
VF
2V
FIG.3 -- ADMISSIBLE REPETITIVE PEAK FORWARD CURRENT VERSUS PULSE DURATION
A
100
IFSM
10
V=tp/T tp IFSM
T=1/fp
1
n=0 0.1 0.2 0.5
T
0.1 10
-5
10
-3
10
-2
10
-1
1
10S
tp
www.galaxycn.com
Document Number 0268015
BLGALAXY ELECTRICAL
2.
RATINGS AND CHARACTERISTIC CURVES
FIG.4 -- RECTIFICATION EFFICIENCY JJJJJJJJMEASUREMENT CIRCUIT
1N914,1N914A,1N914B
FIG.5 -- RELATIVE CAPACITANCE VERSUS JJJJJJJJJJJJJJ VOLTAGE
1.1
D.U.T. 60 VRF=2V 2nF 5K VO
Ctot(VR) Ctot(OV)
1.0
TJ=25 f=1MHz
0.9
0.8
0.7 0 2 4 6
VR
8
10V
FIG.6 -- LEAKAGE CURRENT VERSUS JUNCTION TEMPERATUREFF
FIG.7 -- DYNAMIC FORWARD RESISTANCE FFFVERSUS FORWARD CURRENT
nA
10 4
10
4
TJ=25ae f=1KHz
10 3
10
3
rF
10
2
10 2
10
10
VR=20V
1
1 0 100 200ae
10
-2
10
-1
1
10
IF
10
2
mA
www.galaxycn.com
Document Number 0268015
BLGALAXY ELECTRICAL
3.


▲Up To Search▲   

 
Price & Availability of 1N914A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X